Part Number Hot Search : 
ASL52D6 DS128 124N25 FR107 XC2385A BR102 4HCT04 XC2385A
Product Description
Full Text Search
 

To Download 4241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
PE4241
SPDT UltraCMOSTM RF Switch
Product Description
The PE4241 UltraCMOSTM RF Switch is designed to cover a broad range of applications from DC through 3.0 GHz. This reflective switch integrates on-board CMOS control logic with a low voltage CMOS-compatible control interface, and can be controlled using either single-pin or complementary control inputs. Using a nominal +3-volt power supply voltage, a typical input 1 dB compression point of +27 dBm can be achieved. The PE4241 UltraCMOSTM RF Switch is manufactured in Peregrine's patented Ultra Thin Silicon (UTSi(R)) CMOS process, offering the performance of GaAs with the economy and integration of conventional CMOS. Figure 1. Functional Diagram
RFCommon
Features * Single-pin or complementary CMOS logic control inputs
* +3.0-volt power supply needed for
single-pin control mode
* Low insertion loss: 0.7 dB at 1.0 GHz,
0.9 dB at 2.0 GHz
* Isolation of 30 dB at 1.0 GHz, 21 dB at
2.0 GHz
* Typical input 1 dB compression point of
+27 dBm
* Ultra-small SOT23 package
Figure 2. Package Type
6-lead SOT23
RF1
RF2
CMOS Control Driver
CTRL CTRL or VDD
Table 1. Electrical Specifications @ +25 C, VDD = 3 V (ZS = ZL = 50 )
Parameter
Operation Frequency Insertion Loss Isolation Return Loss `ON' Switching Time `OFF' Switching Time Video Feedthrough
2 1
Conditions
1000 MHz 2000 MHz 1000 MHz 2000 MHz 1000 MHz 2000 MHz 50% CTRL to 0.1 dB of final value, 1 GHz 50% CTRL to 25 dB isolation, 1 GHz
Minimum
DC
Typical
0.7
Maximum
3000 0.85 1.05
Units
MHz dB dB dB dB dB dB ns ns mVpp dBm dBm
28 19 18 16
0.9 30 21 20 18 300 200 15
Input 1 dB Compression Input IP3
2000 MHz 2000 MHz, 14 dBm input power
26 43
27 45
Notes: 1. Device linearity will begin to degrade below 10 MHz. 2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50 test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth. Document No. 70-0094-01 www.psemi.com (c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 1 of 8
PE4241
Product Specification
Figure 3. Pin Configuration (Top View)
pin 1
Table 3. Absolute Maximum Ratings
Symbol Parameter/Conditions
Power supply voltage Voltage on any input Storage temperature range Operating temperature range Input power (50) ESD voltage (Human Body Model)
Min
-0.3 -0.3 -65 -40
Max
4.0 VDD+ 0.3 150 85 30 1500
Units
V V C C dBm V
RF1 GND RF2
1
6
CTRL or VDD RFC CTRL
VDD VI TST TOP PIN
.
4241
Pin Name
RF1 GND RF2 CTRL RFC CTRL or VDD
2
5
3
4
Table 2. Pin Descriptions
Pin No.
1 2
VESD
Description
RF1 port (Note 1) Ground connection. Traces should be physically short and connected to RF2 port (Note 1) Switch control input, CMOS logic level. Common RF port for switch (Note 1) This pin supports two interface options: Single-pin control mode. A nominal 3volt supply connection is required. Complementary-pin control mode. A complementary CMOS control signal to CTRL is supplied to this pin. Bypassing on this pin is not required in this mode.
Table 4. DC Electrical Specifications
Parameter
VDD Power Supply VoltPower Supply Current (VDD = 3V, VCNTL = 3V) Control Voltage High Control Voltage Low 0.7x VDD 0.3x VDD
Min
2.7
Typ
3.0 250
Max
3.3 500
Units
V nA V V
3 4 5 6
Electrostatic Discharge (ESD) Precautions When handling this UltraCMOSTM device, observe the same precautions that you would use with other ESD-sensitive devices. Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to avoid exceeding the specified rating. Latch-Up Avoidance Unlike conventional CMOS devices, UltraCMOSTM devices are immune to latch-up.
Note 1:
All RF pins must be DC blocked with an external series capacitor or held at 0 VDC.
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 2 of 8
Document No. 70-0094-01 UltraCMOSTM RFIC Solutions
PE4241
Product Specification
Table 5. Single-pin Control Logic Truth Table
Control Voltages
Pin 6 (CTRL or VDD) = VDD Pin 4 (CTRL) = High Pin 6 (CTRL or VDD) = VDD Pin 4 (CTRL) = Low
Signal Path
RFC to RF1
Control Logic Input The PE4241 is a very versatile RF CMOS switch that supports two operating control modes; singlepin control mode and complementary-pin control mode. Single-pin control mode enables the switch to operate with a single control pin (pin 4) supporting a +3-volt CMOS logic input, and requires a dedicated +3-volt power supply connection on pin 6 (VDD). This mode of operation reduces the number of control lines required and simplifies the switch control interface typically derived from a CMOS Processor I/O port. Complementary-pin control mode allows the switch to operate using complementary control pins CTRL and CTRL (pins 4 & 6), that can be directly driven by +3-volt CMOS logic or a suitable Processor I/O port. This enables the PE4241 to be used as a potential alternate source for SPDT RF switch products used in positive control voltage mode and operating within the PE4241 operating limits.
RFC to RF2
Table 6. Complementary-pin Control Logic Truth Table
Control Voltages
Pin 6 (CTRL or VDD) = Low Pin 4 (CTRL) = High Pin 6 (CTRL or VDD) = High Pin 4 (CTRL) = Low
Signal Path
RFC to RF1
RFC to RF2
Document No. 70-0094-01 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 3 of 8
PE4241
Product Specification
Evaluation Kit
The SPDT Switch Evaluation Kit board was designed to ease customer evaluation of the PE4241 SPDT switch. The RF common port is connected through a 50 transmission line to the top left SMA connector, J1. Port 1 and Port 2 are connected through 50 transmission lines to the top two SMA connectors on the right side of the board, J3 and J2, respectively. A through transmission line connects SMA connectors J4 and J5. This transmission line can be used to estimate the loss of the PCB over the environmental conditions being evaluated. The board is constructed of a two metal layer FR4 material with a total thickness of 0.031". The bottom layer provides ground for the RF transmission lines. The transmission lines were designed using a coplanar waveguide with ground plane model using a trace width of 0.0476", trace gaps of 0.030", dielectric thickness of 0.028", metal thickness of 0.0021" and r of 4.4. J6 provides a means for controlling DC and digital inputs to the device. Starting from the lower left pin, the second pin to the right (J6-3) is connected to the device V1 or CTRL input. The fourth pin to the right (J6-7) is connected to the device V2 or CTRL/VDD input.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
J3
RF1
CTRL or VDD
J6-7
GND
RFC
J1
J2
RF2
CTRL
J6-3
J4
J5
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 4 of 8
Document No. 70-0094-01 UltraCMOSTM RFIC Solutions
PE4241
Product Specification
Typical Performance Data @ -40 C to 85 C (Unless otherwise noted)
Figure 6. Insertion Loss - RFC to RF1
Figure 7. Input 1 dB Compression Point & IIP3 (Typical performance @ 25 C)
0
60
60
-0.3
-40C
50
50
1dB Compression Point (dBm)
Insertion Loss (dB)
IIP3 (dBm)
-0.6
40
40
-0.9
85C
25C
30
30
-1.2
-1.5 0 500 1000 1500 2000 2500 3000
20 0 500 1000 1500 2000 2500
20 3000
Frequency (MHz)
Frequency (MHz)
Figure 8. Insertion Loss - RFC to RF2
Figure 9. Isolation - RFC to RF1
0
0
-0.3 -40C Insertion Loss (dB)
-20
-0.9
85C
25C
Isolation (dB)
-0.6
-40
-60
-1.2
-80
-1.5 0 500 1000 1500 2000 2500 3000
-100 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Document No. 70-0094-01 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 5 of 8
PE4241
Product Specification
Typical Performance Data @ -40 C to 85 C (Unless otherwise noted)
Figure 10. Isolation - RFC to RF2
Figure 11. Isolation - RF1 to RF2, RF2 to RF1
0
0
-20
-20
Isolation (dB)
-60
Isolation (dB) 0 500 1000 1500 2000 2500 3000
-40
-40
-60
-80
-80
-100
-100 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
Figure 12. Return Loss - RFC to RF1, RF2
0
Figure 13. Return Loss - RF1, RF2
0
-10 Return Loss (dB)
-10 RF1 Return Loss (dB)
RF1 -20
-20 RF2 -30
RF2 -30
-40 0 500 1000 1500 2000 2500 3000
-40 0 500 1000 1500 2000 2500 3000
Frequency (MHz)
Frequency (MHz)
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 6 of 8
Document No. 70-0094-01 UltraCMOSTM RFIC Solutions
PE4241
Product Specification
Figure 14. Package Drawing
6-lead SOT23
2.80 3.10 0.95 BSC
2.60 3.00
1.15 1.35
0.35 0.55
0.25 0.50
0.09 0.20
0.90 1.30
0.90 1.45
NOTE: 1. ALL DIMENSIONS ARE IN MILLIMETERS. 2. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH & METAL BURR. 3. DIMENSIONS ARE INCLUSIVE OF SOLDER PLATING. 4. ALL SPECIFICATIONS COMPLY TO EIAJ SC74.
0.00 0.15
Table 7. Ordering Information
Order Code
4241-01 4241-02 4241-00
Part Marking
4241 4241 PE4241-EK
Description
PE4241-06SOT23-7680F PE4241-06SOT23-3000C PE4241-06SOT23-EK
Package
6-lead SOT23 6-lead SOT23 Evaluation Kit
Shipping Method
7680 units / Canister 3000 units / T&R 1 / Box
Document No. 70-0094-01 www.psemi.com
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 7 of 8
PE4241
Product Specification
Sales Offices
United States Peregrine Semiconductor Corp.
9450 Carroll Park Drive San Diego, CA 92121 Tel 1-858-731-9400 Fax 1-858-731-9499
Japan Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower 1-1-1 Uchisaiwaicho, Chiyoda-ku Tokyo 100-0011 Japan Tel: 011-81-3-3502-5211 Fax: 011-81-3-3502-5213
Europe Peregrine Semiconductor Europe
Batiment Maine 13-15 rue des Quatre Vents F- 92380 Garches, France Tel: 011- 33-1-47-41-91-73 Fax : 011-33-1-47-41-91-73
China Peregrine Semiconductor
28G, Times Square, No. 500 Zhangyang Road, Shanghai, 200122, P.R. China Tel: 011-86-21-5836-8276 Fax: 011-86-21-5836-7652
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet contains design target specifications for product development. Specifications and features may change in any manner without notice. The information in this data sheet is believed to be reliable. However, Peregrine assumes no liability for the use of this information. Use shall be entirely at the user's own risk. No patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. Peregrine's products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of the use of its products in such applications. The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS is a trademark of Peregrine Semiconductor Corp.
Preliminary Specification
The data sheet contains preliminary data. Additional data may be added at a later date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine decides to change the specifications, Peregrine will notify customers of the intended changes by issuing a DCN (Document Change Notice).
(c)2005 Peregrine Semiconductor Corp. All rights reserved. Page 8 of 8
Document No. 70-0094-01 UltraCMOSTM RFIC Solutions


▲Up To Search▲   

 
Price & Availability of 4241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X